Part Number Hot Search : 
SFF1008G DX516T 6SH220M EPE6243S UPB419C DX516T TA114 XF5006T7
Product Description
Full Text Search
 

To Download 5SFP8 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type 5SF / 5SFP
5SFD0106
E5SFD1005A1
5 x 20mm Glass Tube RoHS Compliant
Quick-acting Fuse Series (Low Breaking Capacity)
Catalog Number RoHS Suffix Ampere Rating Typical Volt-drop Melting I2T Melting I2T Maximum Power Cold @100% In < 10 mSec @10 In Dissipation Resistance 2 Sec) 2 Sec) (W) (ohm) (Volt) max. (A (A
5SF (P) 80 5SF (P) 100 5SF (P) 125
(IEC-127-2 STANDARD SHEET 2)
4 In
MIN MAX
-R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R -R
80mA 100mA 125mA 160mA 200mA 250mA 315mA 400mA 500mA 630mA 800mA 1A 1.25A 1.6A 2A 2.5A 3.15A 4A 5A 6.3A 8A 10A
6.80 4.90 3.50 2.50 1.10 0.95 0.50 0.44 0.32 0.15 0.11 0.090 0.062 0.050 0.036 0.026 0.022 0.017 0.012 0.010 0.007 0.006
0.93 0.84 0.76 0.68 0.44 0.40 0.35 0.32 0.28 0.15 0.14 0.13 0.12 0.12 0.11 0.11 0.10 0.10 0.09 0.09 0.08 0.08
0.003 0.005 0.009 0.017 0.030 0.05 0.10 0.17 0.40 0.64 1.01 1.6 2.5 4.0 6.4 10 16 26 41 65 103 163
0.003 0.005 0.008 0.015 0.028 0.05 0.09 0.17 0.40 0.65 1.04 1.7 2.7 4.4 7.0 11 18 30 48 74 119 192
0.39 0.44 0.50 0.57 0.64 0.73 0.83 0.94 0.12 0.15 0.20 0.27 0.35 0.47 0.62 0.82 1.08 1.43 1.89 2.50 3.30 4.37
Electrical Characteristics
Rated Current 80mA to 100mA 125mA to 6.3A 8A to 10A
1.5 In 2.1 In
MIN MAX
5SF (P) 160 5SF (P) 200 5SF (P) 250 5SF (P) 315 5SF (P) 400 5SF (P) 500 5SF (P) 630 5SF (P) 800 5SF (P) 1 5SF (P) 1.25 5SF (P) 1.6 5SF (P) 2 5SF (P) 2.5 5SF (P) 3.15 5SF (P) 4 5SF (P) 5 5SF (P) 6.3 5SF (P) 8 5SF (P) 10
2.75 In
MIN MAX
10 In
MAX
1 1 1 hr.
30 30 30 min.
10 50 50 ms
0.5 2 2 sec
3 10 10 ms
100 300 400 ms
20 20 40 ms
Approvals
sdm rScc
Amp range / Volt @ I.R. ability
80mA - 6.3A / 250V AC@ 35A or 10 In whichever is greater
Safety Agency Approvals
s Certificate No. 0035174 / 0046197 d Licence No. 40000509 m Certificate No. EM234
r Recognized File No. E20624
S Acceptance File No. LR39772
c Licence No. 2003010207030263
80mA - 10A / 250V AC@ 35A or 10 In whichever is greater 80mA - 6.3A / 250V AC@ 35A or 10 In whichever is greater
RoHS Compliant Product
For RoHS Compliant Version, add suffix "R" after catalog number
Operating Temperature
-55C to +125C
Consult manufacturer for other ratings
Physical Specification
Materials Glass body / Nickel Plated Brass Caps Lead wire: Tin plated Copper alloy, Diameter 0.032", 6.3A and less Diameter 0.040", 8A and above Marking On fuse: "bel", "F", "Current Rating", "L", "250V", "Appropriate Safety Logos" and "" (RoHS Version) On label: "bel", "5SF",or "5SFP", "Current Rating", "Voltage Rating", "Interrupting Rating", "Appropriate Safety Logos" and " "+ suffix "R" for RoHS Version
Mechanical Dimensions
0.787" 0.02" (20 0.5mm) 0.20" 0.004" (5.1 0.1mm)
Specifications subject to change without notice
5SF
5SFP
1.5" 0.08" (38.1 2mm)
0.827" 0.02" (21.0 0.5mm)
0.217" 0.004" (5.5 0.1mm)
Packaging 1. In bulk: 5SF - 1,000 pcs per box; 5SFP - 500 pcs per box 2. On Axial Tape & Reel: 1,500 pcs per reel SEE LEAD SIZE LISTED IN " MATERIAL" 3. Tape & Reel specification: per EIA-296-E & IEC 286-1 ORDERING INFORMATION SEE LAST 2 PAGES @ 10mm Pitch and 63.5mm inside Tape Spacing Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel: 201-432-0463 * Fax: 201-432-9542 * E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
41
Type 5SF / 5SFP
5 x 20mm Glass Tube RoHS Compliant
Quick-acting Fuse Series (Low Breaking Capacity)
5SFC1005
5SF / 5SFP - TIME CURRENT CHARACTERISTIC CURVE
-80mA -100mA -125mA -160mA -200mA -250mA -315mA -400mA -500mA -630mA -800mA -1A -1.25A -1.6A -2A -2.5A -3.15A -4A -5A -6.3A -8A -10A
10000 1000 100
TIME IN SECONDS
10
1
0.1
0.01 0.01
0.1
1
10
100
1000
CURRENT IN AMPERES NOTE - see important information under "User Guide"on P.08
Corporate Office Bel Fuse Inc.
206 Van Vorst Street, Jersey City, NJ 07302 Tel: 201-432-0463 Fax: 201-432-9542 E-Mail: belfuse@belfuse.com Website: www.belfuse.com
Far East Office Bel Fuse Ltd.
8F/8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel: 852-2328-5515 Fax: 852-2352-3706
European Office Bel Fuse Europe Ltd.
Preston Technology Management Centre Marsh Lane, Preston PR1 8UD Lancashire, U.K Tel: 44-1772-556601 Fax: 44-1772-888366
Specifications subject to change without notice
42


▲Up To Search▲   

 
Price & Availability of 5SFP8

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X